Part Number Hot Search : 
AN9EB00 1N4148 LY62L 1N4148 33120A MNR4G LY62L LN313005
Product Description
Full Text Search
 

To Download PVR1300NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD 10055 revE
Series PVR13N & PbF
Microelectronic Power IC HEXFET(R) Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
General Description
The PVR13 Series AC/DC Relay is a dual-pole, normally open, solid-state replacement for electromechanical relays used for general purpose switching of analog signals. It utilizes International Rectifier's HEXFET power MOSFETs as the output switches, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED), which is optically isolated from the photovoltaic generator. The PVR13 Series overcomes the limitations of both conventional electromechanical and reed relays by offering the solid state advantages of long life, fast operating speed, low pick up power, bounce-free operation, low thermal offset voltages and miniature package. These advantages allow product improvement and design innovations in many applications such as process control, multiplexing, automatic test equipment and data acquisition. The PVR13 can switch analog signals from thermocouple level to 100 Volts peak AC or DC polarity. Signal frequencies into the RF range are easily controlled and switching rates up to 450Hz are achievable. The extremely small thermally generated offset voltages allow increased measurement accuracies. These relays are packaged in 16-pin, molded DIP packages and available with thru-hole leads, in plastic shipping tubes.
Features
! ! ! ! ! ! ! Bounce-Free Operation 1010 Off-State Resistance 1,000 V/sec dv/dt 0.2 V Thermal Offset 5 mA Input Sensitivity 1,500 VRMS I/O Isolation Solid-State Reliability
Applications
! ! ! ! Process Control Data Acquisition Test Equipment Multiplexing and Scanning
Part Identification
PVR1300N & PbF PVR1301N & PbF
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
www.irf.com
1
Series PVR13N & PbF
Electrical Specifications (-40C TA +85C unless otherwise specified) INPUT CHARACTERISTICS
Minimum Control Current A Connection (see figure 1) For 400 Continuous Load Current For 360 Continuous Load Current For 250 Continuous Load Current Minimum Turn-Off Current Minimum Turn-Off Voltage Control Current Range (Caution: current limit input LED. See figure 6) Maximum Reverse Voltage 2.0 5.0 5.0 10 0.6 2.0 to 25 6.0
Units
DC mA@25C mA@40C mA@85C A(DC) V(DC) mA(DC) V(DC)
OUTPUT CHARACTERISTICS
Operating Voltage Range Maxiumum Load Current 40C ILED = 5mA (see figure 1) AC (A Connection) DC (B Connection) DC (C Connection) Response Time @25C (see figures 7 and 8) Maximum T(on) @ 12mA Control, 100 mA Load, 100 VDC Maximum T (off) @ 12mA Control, 100 mA Load, 100 VDC Maximum On-state Resistance 25C (Pulsed) (fig. 2) 50 mA Load, 5mA Control AC (A Connection) DC (B Connection) DC (C Connection) Minimum Off-state Resistance 25C @ 80 VDC PVR1300 @ 80 VDC PVR1301 Maximum Thermal Offset Voltage @ 5.0mA Control Minimum Off-State dv/dt Typical Output Capacitance (see figure 9) 150 125 100 360 420 660
Units
V(peak) mA (peak) mA(DC) mA(DC) s s
5 3.0 1.5 108 1010 0.2 1000 12
volts V/s pF @ 50VDC
GENERAL CHARACTERISTICS
Dielectric Strength: Input-Output Insulation Resistance: Input-Output @ 500VDC Maximum Capacitance: Input-Output Maximum Lead Soldering Temperature (1.6mm below seating plane for 10 sec.) Ambient Temperature Range: Operating Storage 1500 10
12
Units
V RMS pF C C
1.0 260 -40 to +85 -40 to +100
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications. Users of this International Rectifier product in such applications assume all risks of such use and indemnify International Rectifier against all damages resulting from such use.
www.irf.com
2
Series PVR13N & PbF
800
Max. Load Current (mA)
C Connection
700 600 500 400 300 200 100 0 0 20
B C o nne ct o n i
A Connection
ILED = 5mA
40 60 80 100
Ambient Temperature (C) Figure 1. Current Derating Curve
Rd(on) (Normalized to 25oC)
900
5 mA Control lD = 50 mA
Ambient Temperature (C) Figure 2. Typical Normalized On-Resistance
600 550 500 450 400 350 300 250 200 150 100 50 0 0.0 0.5
Pulsed, 25C
25 oC 40 oC 60 oC 85 oC
I
LED
= 5mA, Forced Air
A Connection
1.0 1.5 2.0 2.5
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.0 0.5
Pulsed, 25C
Load Current (mA)
Load Current (mA)
25 oC 40 oC 60 oC
8 oC 5 85C
I
LED
= 5mA, Forced Air
C Connection
1.0 1.5 2.0 2.5
VDD (Volts) Figure 3. Typical On-Characteristic A Connection
VDD (Volts) Figure 4. Typical On-Characteristic C Connection
www.irf.com
3
Series PVR13N & PbF
Input Current (mA)
IDOff/IDOff 25C
Ambient Temperature (C) Figure 5. Typical Normalized Off-State Leakage
LED Forward Voltage Drop (Volts DC) Figure 6. Input Characteristics (Current Controlled)
1000
Delay Time (S)
Ton Tdly
100
Toff
10 0 5 10 15 20
ILED (mA) Figure 7.Typical Delay Times Figure 8. Delay Time Definitions
www.irf.com
4
Series PVR13N & PbF
20 2 20 0 10 8 10 6 10 4 10 2 10 0 8 0 6 0 4 0 2 0 0 0
Typical Capacitance (pF)
C Connection
A Connection
1 0
2 0
3 0
4 0
0 5
VDD Drain-to-Drain Voltage Figure 9. Typical Output Capacitance
Wiring Diagram
Schematic Diagram
www.irf.com
5
Series PVR13N & PbF
Case Outline
01-2012 00
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 3/28/2006
www.irf.com
6


▲Up To Search▲   

 
Price & Availability of PVR1300NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X